Part Number Hot Search : 
B70NF B1010 57100 STN85109 SN3904 MCP111 12S15 1107R2
Product Description
Full Text Search
 

To Download 1N40011 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 1N4001 - 1N4007, BY133
1.0 AMP. Silicon Rectifiers DO-41
Features
High efficiency, Low VF High current capability High reliability High surge current capability Low power loss
Mechanical Data
Cases: Molded plastic Epoxy: UL 94V-0 rate flame retardant Lead: Pure tin plated, lead free., solderable per MIL-STD-202, Method 208 guaranteed Polarity: Color band denotes cathode end High temperature soldering guaranteed: o 260 C /10 seconds/.375",(9.5mm) lead lengths at 5 lbs.,(2.3kg) tension Weight: 0.35 gram
Dimensions in inches and (millimeters)
Maximum Ratings and Electrical Characteristics
Rating at 25 oC ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load. For capacitive load, derate current by 20%
Type Number
Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current .375"(9.5mm) Lead Length o @TA = 75 C Peak Forward Surge Current, 8.3 ms Single Half Sine-wave Superimposed on Rated Load (JEDEC method ) Maximum Instantaneous Forward Voltage @1.0A Maximum DC Reverse Current @ TA=25 C o at Rated DC Blocking Voltage @ TA=125 C Maximum Full Load Reverse Current ,Full Cycle Average .375"(9.5mm) Lead Length o @TA=75 C Typical Junction Capacitance ( Note 1 ) Typical Thermal Resistance ( Note 2 )
o
Symbol
VRRM VRMS VDC I(AV) IFSM VF IR HTIR Cj RJA
1N 4001 50 35 50
1N 4002 100 70 100
1N 4003 200 140 200
1N 4004 400 280 400
1N 4005 600 420 600
1N 4006 800 560 800
1N 4007 1000 700 1000
BY Units 133 1300 V 910 V 1300 V A
1.0
30 1.0 5.0 50 30 10 65 -65 to +150
A V uA uA uA pF C/W o C
o
Operating and Storage Temperature Range TJ ,TSTG 1. Measured at 1 MHz and Applied Reverse Voltage of 4.0 Volts D.C. Notes: 2. Mount on Cu-Pad Size 5mm x 5mm on P.C.B.
Version: A06
RATINGS AND CHARACTERISTIC CURVES (1N4001 THRU 1N4007/BY133)
FIG.1- MAXIMUM FORWARD CURRENT DERATING CURVE
1
FIG.2- TYPICAL REVERSE CHARACTERISTICS
10
AVERAGE FORWARD RECTIFIED CURRENT AMPERES
0.8
4
INSTANTANEOUS REVERSE CURRENT. ( A)
Tj=125 0C
0.6
1
0.4
0.2
Single Phase Half Wave 60Hz Resistive or Inductive Load 0.375" (9.5mm) Lead Length
0.4
0 0 25 50 75 100
o
125
150
175
0.1
AMBIENT TEMPERATURE. ( C)
0.04
Tj=25 0C
FIG.3- MAXIMUM NON-REPETITIVE FORWARD SURGE CURRENT
PEAK FORWARD SURGE CURRENT. (A)
50 0.01 0 40 8.3ms Single Half Sine Wave JEDEC Method 20 40 60 80 100 120 140 PERCENT OF RATED PEAK REVERSE VOLTAGE. (%)
30
20
10
0 1 2 4 6 8 10 20 40 60 80 100 NUMBER OF CYCLES AT 60Hz
FIG.4- TYPICAL JUNCTION CAPACITANCE
200
FIG.5- TYPICAL FORWARD CHARACTERISTICS
20
INSTANTANEOUS FORWARD CURRENT. (A)
100
Tj=25 0C
10 4 2 1 0.4 0.2 0.1 0.04 0.02 0.01 0.6 0.8 1.0 1.2 1.4 1.5 FORWARD VOLTAGE. (V) Tj=25oC Pulse Width=300 s 1% Duty Cycle
JUNCTION CAPACITANCE.(pF)
60 40 20 10 6 4 2 1
0.1
0.2
0.4
1
2
4
10
20
40
100
REVERSE VOLTAGE. (V)
Version: A06


▲Up To Search▲   

 
Price & Availability of 1N40011

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X